Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RJM74P100RJC2P Arkusz danych(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Numer części RJM74P100RJC2P
Szczegółowy opis  RJM Metal Film Precision Melf Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKEN [Token Electronics Industry Co., Ltd.]
Strona internetowa  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM74P100RJC2P Arkusz danych(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RJM74P100RJC2P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM74P100RJC2P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM74P100RJC2P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
RJM Metal Film Precision Melf Resistors
How to Order
RJM74P
10R
D
C6
P
Back to 1st Page - Metal Film Precision Melf Resistors(RJM)
Product type: RJM72P, RJM73S, RJM73P, RJM74S, RJM74P, RJM16M, RJM17M, RJM18M
Code
Resistance Tolerance
J
±5%
F
±1%
D
±0.5%
C
±0.25%
B
±0.10%
A5
±0.05%
Resistance Value :
Resistance Tolerance (%)
Code
Packaging
T
Taping Reel
P
Bulk
Packaging
Code
Temperature coefficient
C2
±50 ppm/°C
C3
±25 ppm/°C
C5
±15 ppm/°C
C6
±10 ppm/°C
C7
±5 ppm/°C
Temperature coefficient (ppm/°C)
Code
Resistance Value
0R1
0.1Ω
10R
10Ω
100R
100Ω
1K
1KΩ
10K
10KΩ
100K
100KΩ
1M
1MΩ
10M
10MΩ
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com