| Zakładka z wyszukiwarką danych komponentów |
|
TMP320C6720RFP300 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6720RFP300 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 118 page ![]() 2.9.2 Terminal Functions TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 Table 2-12, the Terminal Functions table, identifies the external signal names, the associated pin/ball numbers along with the mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin description. Table 2-12. Terminal Functions GDH/ SIGNAL NAME RFP TYPE(1) PULL(2) GPIO(3) DESCRIPTION ZDH External Memory Interface (EMIF) Address and Control EM_A[0] 91 J16 O - N EM_A[1] 89 J15 O - N EM_A[2] 88 K15 O - N EM_A[3] 86 L16 O - N EM_A[4] 84 L15 O - N EM_A[5] 83 M16 O - N EM_A[6] 80 M15 O - N EMIF Address Bus EM_A[7] 79 N16 O - N EM_A[8] 76 N15 O - N EM_A[9] 75 P16 O - N EM_A[10] 93 H15 O - N EM_A[11] 74 P15 O - N EM_A[12] - P12 O IPD N EM_BA[0] 96 G15 O - N SDRAM Bank Address and Asynchronous Memory Low-Order Address EM_BA[1] 94 H16 O - N EM_CS[0] 97 F15 O - N SDRAM Chip Select EM_CS[2] 100 E15 O - N Asynchronous Memory Chip Select EM_CAS 37 R3 O - N SDRAM Column Address Strobe EM_RAS 98 F16 O - N SDRAM Row Address Strobe EM_WE 38 T3 O - N SDRAM/Asynchronous Write Enable EM_CKE 71 T14 O - N SDRAM Clock Enable EM_CLK 70 R14 O - N EMIF Output Clock EM_WE_DQM[0] 39 R4 O - N Write Enable or Byte Enable for EM_D[7:0] EM_WE_DQM[1] 67 T13 O - N Write Enable or Byte Enable for EM_D[15:8] EM_WE_DQM[2] - P13 O IPU N Write Enable or Byte Enable for EM_D[23:16] EM_WE_DQM[3] - R15 O IPU N Write Enable or Byte Enable for EM_D[31:24] EM_OE 104 D15 O - N SDRAM/Asynchronous Output Enable EM_RW 102 E16 O - N Asynchronous Memory Read/not Write Asynchronous Wait Input (Programmable Polarity) or EM_WAIT - D14 I IPU N Interrupt (NAND) (1) TYPE column refers to pin direction in functional mode. If a pin has more than one function with different directions, the functions are separated with a slash (/). (2) PULL column: IPD = Internal Pulldown resistor IPU = Internal Pullup resistor (3) If the GPIO column is 'Y', then in GPIO mode, the pin is configurable as an IO unless otherwise marked. Submit Documentation Feedback Device Overview 21 |