| Zakładka z wyszukiwarką danych komponentów |
|
GTL2002DP Arkusz danych(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GTL2002DP Arkusz danych(HTML) 19 Page - NXP Semiconductors |
|
19 / 22 page ![]() GTL2002_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 2 July 2009 19 of 22 NXP Semiconductors GTL2002 2-bit bidirectional low voltage translator For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. Abbreviations MSL: Moisture Sensitivity Level Fig 17. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 15. Abbreviations Acronym Description CBT Cross Bar Technology CDM Charged-Device Model CMOS Complementary Metal-Oxide Semiconductor CPU Central Processing Unit ESD ElectroStatic Discharge GTL Gunning Transceiver Logic HBM Human Body Model I/O Input/Output I2C-bus Inter-Integrated Circuit bus LVTTL Low Voltage Transistor-Transistor Logic MM Machine Model NMOS Negative-channel Metal-Oxide Semiconductor RC Resistor Capacitor network TTL Transistor-Transistor Logic TVC Transceiver Voltage Clamps |