Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GTL2010BS Arkusz danych(PDF) 12 Page - NXP Semiconductors

Numer części GTL2010BS
Szczegółowy opis  10-bit bidirectional low voltage translator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2010BS Arkusz danych(HTML) 12 Page - NXP Semiconductors

Back Button GTL2010BS Datasheet HTML 8Page - NXP Semiconductors GTL2010BS Datasheet HTML 9Page - NXP Semiconductors GTL2010BS Datasheet HTML 10Page - NXP Semiconductors GTL2010BS Datasheet HTML 11Page - NXP Semiconductors GTL2010BS Datasheet HTML 12Page - NXP Semiconductors GTL2010BS Datasheet HTML 13Page - NXP Semiconductors GTL2010BS Datasheet HTML 14Page - NXP Semiconductors GTL2010BS Datasheet HTML 15Page - NXP Semiconductors GTL2010BS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
GTL2010_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 3 March 2008
12 of 20
NXP Semiconductors
GTL2010
10-bit bidirectional low voltage translator
13. Test information
Fig 9.
Load circuit for translator-type applications
Test data are given in Table 12.
CL = load capacitance; includes jig and probe capacitance.
RL = load resistance.
Fig 10. Load circuit for CBT-type application
Table 12.
Test data
Test
Load
Switch
CL
RL
tPD
50 pF
500
Ω
open
tPLZ, tPZL
50 pF
500
Ω
7V
tPHZ, tPZH
50 pF
500
Ω
open
GREF
SREF
DREF
S1
D1
002aac064
S10
D10
DUT
VCC1
VCC2
VCC2
200 k
Ω
150
Ω
150
Ω
VCC2
150
Ω
Vref
pulse
generator
test jig
CL
50 pF
002aab667
RL
500
Ω
from output under test
7 V
open
GND
S1
RL
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20