Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

944U101K801AA Arkusz danych(PDF) 4 Page - Cornell Dubilier Electronics

Numer części 944U101K801AA
Szczegółowy opis  Polypropylene Film Capacitors for DC Filtering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDE [Cornell Dubilier Electronics]
Strona internetowa  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944U101K801AA Arkusz danych(HTML) 4 Page - Cornell Dubilier Electronics

  944U101K801AA Datasheet HTML 1Page - Cornell Dubilier Electronics 944U101K801AA Datasheet HTML 2Page - Cornell Dubilier Electronics 944U101K801AA Datasheet HTML 3Page - Cornell Dubilier Electronics 944U101K801AA Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type 944U Polypropylene Film Capacitors for DC Filtering
Typical Performance Curves
160µF 800Vdc ESR vs Frequency and Temperature
1
1.5
2
2.5
3
3.5
4
100
1000
10000
100000
Frequency (Hz)
85ºC
65ºC
45ºC
25ºC
0ºC
-20ºC
-40ºC
160µF 800Vdc Rated Ripple Current, Still Air, 5kh Life
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
10
100
1000
10000
100000
Frequency (Hz)
45ºC
55ºC
65ºC
75ºC
85ºC



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com