| Zakładka z wyszukiwarką danych komponentów |
|
L99PD08TR Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PD08TR Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 41 page ![]() L99PD08 SPI Doc ID 15872 Rev 3 27/41 Figure 10. SDO status Note: In case of a status change during an SPI transmission this status will not be read and therefore not cleared in case of a clear command. Due to the internal mechanism of loading the status data into the shift register a possible inconsistency between the GlobalErrorRegister and the read StatusRegister can occur. In this case, the data in the Status Register is always the more actual data. No (chip reset or communication error) Active low Activated by all internal reset events which change the device state or configuration registers (e.g. software reset, VCORE3 undervoltage, etc.). This bit is initially '0' and will be set to '1' by a valid SPI communication to any register. Over temp/ over load Active high Set when over temp and/or over load failure is detected by the diagnosis function n/a 0 Not implemented Open-load Active high Set when open-load failure is detected by the diagnosis function STK_ON Active high Set when SHORT TO BATTERY is detected by the diagnosis function (OFF state diagnosis) Fail save Active high Indicates if the device is in FAIL SAVE (defined state) Table 22. Global status byte: description (continued) Name Polarity Comment CSN SCK SDI SDO CSN high to low and SCK stays low: status information of data bit 0 (fault condition) is transfered to SDO time time time time SDI: data is not accepted SDO: status information of data bit 0 (Global Error Flag) will stay as long CSN is low GEF |