Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACST830-8G Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ACST830-8G
Szczegółowy opis  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST830-8G Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ACST830-8G Datasheet HTML 4Page - STMicroelectronics ACST830-8G Datasheet HTML 5Page - STMicroelectronics ACST830-8G Datasheet HTML 6Page - STMicroelectronics ACST830-8G Datasheet HTML 7Page - STMicroelectronics ACST830-8G Datasheet HTML 8Page - STMicroelectronics ACST830-8G Datasheet HTML 9Page - STMicroelectronics ACST830-8G Datasheet HTML 10Page - STMicroelectronics ACST830-8G Datasheet HTML 11Page - STMicroelectronics ACST830-8G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ordering information scheme
ACST8
8/13
Doc ID 7463 Rev 7
Figure 18.
Typical current and voltage waveforms across the ACST8 during
IEC 61000-4-5 standard test
3
Ordering information scheme
Figure 19.
Ordering information scheme
I
V
0
0
Vpeak =VCL
1.2/50 µs voltage surge
8/20 µs current surge
Ipeak = 160 A
dI/dt = 180 A/µs
ACS T 8 30 - 8
FP TR
AC switch
Topology
On-state rms current
Repetitive peak off-state voltage
Package
Delivery mode
T = Triac
8 = 8 A
8 = 800 V
FP = TO-220FPAB
T = TO-220AB
G = D2PAK
TR = Tape and reel
Blank = Tube
Triggering gate current
30 = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13