Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF8564ACX9/B/1 Arkusz danych(PDF) 18 Page - NXP Semiconductors

Numer części PCF8564ACX9/B/1
Szczegółowy opis  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9/B/1 Arkusz danych(HTML) 18 Page - NXP Semiconductors

Back Button PCF8564ACX9/B/1 Datasheet HTML 14Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 15Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 16Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 17Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 18Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 19Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 20Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 21Page - NXP Semiconductors PCF8564ACX9/B/1 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
18 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
7. Apply 64 clock pulses to CLKOUT.
8. Read time registers to see the second change.
Repeat 7 and 8 for additional increments.
8.10 STOP bit function
The function of the STOP bit is to allow for accurate starting of the time circuits. The STOP
bit function will cause the upper part of the prescaler (F2 to F14) to be held in reset and
thus no 1 Hz ticks will be generated (see Figure 9). The time circuits can then be set and
will not increment until the STOP bit is released (see Figure 10 and Table 26).
The STOP bit function will not affect the output of 32.768 kHz on CLKOUT, but will stop
the generation of 1.024 kHz, 32 Hz and 1 Hz.
The lower two stages of the prescaler (F0 and F1) are not reset and because the I2C-bus
is asynchronous to the crystal oscillator, the accuracy of re-starting the time circuits will be
between zero and one 8.192 kHz cycle (see Figure 10).
Fig 9.
STOP bit functional diagram
Fig 10. STOP bit release timing
013aaa089
OSC
OSC STOP
DETECTOR
F0
F1
F13
RES
F14
RES
F2
RES
1024 Hz
32 Hz
1 Hz tick
stop
CLKOUT source
reset
32768 Hz
1 Hz
001aaf912
8192 Hz
stop released
0
µs to 122 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44