Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTP340F Arkusz danych(PDF) 5 Page - Tyco Electronics

Numer części LTP340F
Szczegółowy opis  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP340F Arkusz danych(HTML) 5 Page - Tyco Electronics

  LTP340F Datasheet HTML 1Page - Tyco Electronics LTP340F Datasheet HTML 2Page - Tyco Electronics LTP340F Datasheet HTML 3Page - Tyco Electronics LTP340F Datasheet HTML 4Page - Tyco Electronics LTP340F Datasheet HTML 5Page - Tyco Electronics LTP340F Datasheet HTML 6Page - Tyco Electronics LTP340F Datasheet HTML 7Page - Tyco Electronics LTP340F Datasheet HTML 8Page - Tyco Electronics LTP340F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
175
RoHS Compliant, ELV Compliant
10
VTP*
VTP110F
1.10
2.7
16
100
0.7
5.50
5.0
0.038
0.054
0.070
0.108
0.140
B5
VTP170F
1.70
3.4
16
100
1.0
8.50
5.0
0.030
0.041
0.052
0.082
0.105
B2
VTP170SSF
1.70
3.4
16
100
1.0
8.50
5.0
0.030
0.041
0.052
0.082
0.105
B8
VTP170XF
1.70
3.4
16
100
0.7
8.50
5.0
0.030
0.041
0.052
0.082
0.105
B3
VTP170XSF
1.70
3.4
16
100
0.7
8.50
5.0
0.030
0.041
0.052
0.082
0.105
B4
VTP175F
1.75
3.6
16
100
0.8
8.75
5.0
0.029
0.040
0.051
0.080
0.102
B3
VTP175LF
1.75
3.6
16
100
0.8
8.75
5.0
0.029
0.040
0.051
0.080
0.102
B3
VTP175UF
1.75
3.6
16
100
0.8
8.75
5.0
0.029
0.040
0.051
0.080
0.102
B5
VTP210GF
2.10
4.7
16
100
1.2
10.00
5.0
0.018
0.024
0.030
0.048
0.060
B3
VTP210SF
2.10
4.7
16
100
1.2
10.00
5.0
0.018
0.024
0.030
0.048
0.060
B4
VTP210SLF
2.10
4.7
16
100
1.2
10.00
5.0
0.018
0.024
0.030
0.048
0.060
B4
110°C Typical Activation
LTP
LTP070F
0.70
1.45
15
100
0.7
3.50
5.0
0.100
0.150
0.200
0.300
0.340
B6
LTP100SF
1.00
2.50
24
100
0.9
5.00
7.0
0.070
0.100
0.130
0.200
0.260
B7
LTP180LF
1.80
3.80
24
100
1.0
9.00
2.9
0.040
0.054
0.068
0.108
0.120
B6
LTP190F
1.90
4.20
24
100
1.5
10.00
3.0
0.030
0.044
0.057
0.088
0.100
B6
LTP260F
2.60
5.20
24
100
1.3
13.00
5.0
0.025
0.034
0.042
0.068
0.076
B6
LTP340F
3.40
6.80
24
100
1.6
17.00
5.0
0.016
0.022
0.027
0.044
0.050
B6
miniSMDE
miniSMDE190F
1.90
3.8
16
100
1.5
10.00
2.0
0.024
0.032
0.040
0.060
0.080†
B13
120°C Typical Activation
MXP*
MXP190BB
1.90
4.9
6
50
0.4
9.50
2.0
0.007
0.010
0.015
0.015
0.024
B14
125˚C Typical Activation
LR4
LR4-190F
1.90
3.9
15
100
0.8
9.50
5.0
0.0390
0.0560
0.0720
0.079
0.102
B9
LR4-260F
2.60
5.8
15
100
1.0
13.00
5.0
0.0200
0.0310
0.0420
0.046
0.063
B9
LR4-260SF
2.60
5.8
15
100
1.0
13.00
5.0
0.0200
0.0310
0.0420
0.046
0.063
B10
LR4-380F
3.80
8.3
15
100
1.2
19.00
5.0
0.0130
0.0200
0.0260
0.028
0.037
B9
LR4-380XF
3.80
8.3
15
100
1.2
19.00
5.0
0.0130
0.0200
0.0260
0.028
0.037
B9
LR4-450F
4.50
8.9
20
100
1.4
22.50
5.0
0.0110
0.0160
0.0200
0.022
0.028
B9
LR4-550F
5.50
10.5
20
100
2.0
27.50
5.0
0.0090
0.0130
0.0160
0.018
0.022
B9
LR4-600F
6.00
11.7
20
100
1.7
30.00
5.0
0.0070
0.0110
0.0140
0.015
0.019
B9
LR4-600XF
6.00
11.7
20
100
1.7
30.00
5.0
0.0075
0.0120
0.0140
0.015
0.019
B9
LR4-730F
7.30
14.1
20
100
1.9
30.00
5.0
0.0060
0.0090
0.0120
0.011
0.015
B9
LR4-900F
9.00
16.7
20
100
3.0
45.00
5.0
0.0060
0.0080
0.0100
0.011
0.014
B9
LR4-1300SSF
13.00
21.2
20
100
2.2
65.00
5.0
0.0035
0.0060
0.0065
0.008
0.009
B12
SRP
SRP120F
1.20
2.7
15
100
0.8
6.00
5.0
0.085
0.123
0.160
0.170
0.220
B6
SRP120LF
1.20
2.7
15
100
0.8
6.00
5.0
0.085
0.123
0.160
0.170
0.220
B6
SRP120SF
1.20
2.7
15
100
0.8
6.00
5.0
0.085
0.123
0.160
0.170
0.220
B11
SRP175F
1.75
3.8
15
100
0.9
8.75
5.0
0.050
0.070
0.090
0.093
0.120
B6
SRP175LF
1.75
3.8
15
100
0.9
8.75
5.0
0.050
0.070
0.090
0.093
0.120
B6
SRP175SF
1.75
3.8
15
100
0.9
8.75
5.0
0.050
0.070
0.090
0.093
0.120
B11
SRP200F
2.00
4.4
30
100
1.6
10.00
4.0
0.030
0.045
0.060
0.075
0.100
B6
SRP350F
3.50
6.3
30
100
1.9
20.00
3.0
0.017
0.024
0.031
0.040
0.050
B6
SRP420F
4.20
7.6
30
100
2.2
20.00
6.0
0.012
0.018
0.024
0.030
0.040
B6
* Product electrical characteristics determined at 25°C.
† R1MAX value for this device is the maximum resistance of the device at 20°C one hour after reflow.
Part
Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PDTyp
(W)
Max. Time-to-trip
(A)
(s)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
RMAX
(
Ω)
RTyp
(
Ω)
RTrippedTyp
(
Ω)
Notes:
IH
: Hold current: maximum current device will pass without interruption in 20°C still air unless otherwise specified.
IT
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air unless otherwise specified.
VMAX
: Maximum voltage device can withstand without damage at rated current.
IMAX
: Maximum fault current device can withstand without damage at rated voltage.
PD
: Power dissipated from device when in the tripped state in 20°C still air unless otherwise specified.
RMIN
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
RTyp
: Typical resistance of device as supplied at 20°C unless otherwise specified.
RTripped Typ : Typical resistance, measured at 20°C unless otherwise specified, of device one hour after being tripped the first time.
RMAX
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
Table B3 Electrical Characteristics for Strap Battery Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com