| Zakładka z wyszukiwarką danych komponentów |
|
STP16DP05PTR Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16DP05PTR Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 34 page ![]() Detection mode functionality STP16DPS05 24/34 Doc ID 16538 Rev 2 Figure 23. Behaviour auto power saving Note: When the device goes from auto power-saving to normal operating condition, the first output that switches ON shows the TON condition as seen in the plot above. Temp. = 25°C, Vdd = 3.3 V, Vin = Vdd, VLed = 3.0 V, Iset = 20 mA Ch1 (Yellow) = IDD, Ch2 (Blue) = SDI, Ch3 (Purple) = LE/DM1, Ch4 (Green) = CLK |