Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA-L0505-NJL Arkusz danych(PDF) 1 Page - Power Systems GmbH+Co.KG

Numer części CXA-L0505-NJL
Szczegółowy opis  DC-AC INVERTER UNIT 3.0W SINGLE OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Strona internetowa  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-L0505-NJL Arkusz danych(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-L0505-NJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-L0505-NJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-L0505-NJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-L0505-NJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CXA-L05XX-NJL SERIES (3.0W SINGLE OUTPUT)
DC-AC INVERTER UNIT
(PRELIMNARY, STANDARD)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 /4 )
VER, 28 October 2003
DESCRIPTION :
This DC to AC Inverter was developed for notebook computer and
many other low LCD Backlight power supply as low profile
applications, either for Note Book PC or Industrial.
APPLICABLE LCD:
6 to 10 inches single lamp type
Lamp Voltage 600V
Lamp Current 5mA
FEATURES :
High Efficiency (85%)
Fuse protection
High Efficiency
Low noise with voltage resonant circuit
TEMPERATURE & HUMDITY :
Operating Temperature Range
0
°C ~ +60°C
Storage Temperature Range
-30
°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
8 max
80.5 max
2
1
3
60
±0.2
(8)
1 max
2-R1.1
±0.1
2-
φ2.2±0.1
Unit: mm
Weight: 11.0g typ.
No.
Part Discription
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.0mm
2
Connector CN1
1
53261-0590
Molex
3
Connector CN2
1
SM02(8.0)B-BHS-1
JST


Podobny numer części - CXA-L0505-NJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CXA-L0505-NJL TDK-CXA-L0505-NJL Datasheet
184Kb / 2P
Non-dimming/Connector Type
More results

Podobny opis - CXA-L0505-NJL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Systems GmbH+Co.K...
PS-DA0129-02 POWER-SYSTEMS-PS-DA0129-02 Datasheet
193Kb / 5P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-04-E POWER-SYSTEMS-PS-DA0129-04-E Datasheet
267Kb / 4P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-176-E-B POWER-SYSTEMS-PS-DA0129-176-E-B Datasheet
131Kb / 2P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-183 POWER-SYSTEMS-PS-DA0129-183 Datasheet
148Kb / 2P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0130-01 POWER-SYSTEMS-PS-DA0130-01 Datasheet
192Kb / 5P
DC-AC INVERTER UNIT 4 W SINGLE OUTPUT
PS-DA0136-02 POWER-SYSTEMS-PS-DA0136-02 Datasheet
305Kb / 5P
DC-AC INVERTER UNIT 2.5 W SINGLE OUTPUT
PS-DA0140-01 POWER-SYSTEMS-PS-DA0140-01 Datasheet
69Kb / 2P
DC-AC INVERTER UNIT 8 W SINGLE OUTPUT
PS-DA0148-01 POWER-SYSTEMS-PS-DA0148-01 Datasheet
249Kb / 4P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0151-01 POWER-SYSTEMS-PS-DA0151-01 Datasheet
227Kb / 5P
DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
CXA-0323 POWER-SYSTEMS-CXA-0323 Datasheet
58Kb / 2P
DC-AC INVERTER UNIT 3.0W SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com