| Zakładka z wyszukiwarką danych komponentów |
|
HT56R67 Arkusz danych(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT56R67 Arkusz danych(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 104 page ![]() HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688 Rev. 1.20 39 March 4, 2010 V A V B V S S C O M 0 C O M 1 O n O f f C O M 0 S e g m e n t s O n O n O f f O n O f f O n O n O f f C O M 1 S e g m e n t s O n O n O f f O n O f f O n O f f C O M 0 S e g m e n t s O f f O f f O f f O f f O n O f f O n O f f O n O f f O f f O f f O f f O f f O f f O f f O f f O f f O f f O f f O f f V A V B V S S V A V B V S S V A V B V S S V A V B V S S O n O f f O n O f f O n O f f O f f Note: For 1/2 bias, the VA=VLCD1, VB=VLCD1 ´1/2 for both R and C type. LCD Driver Output - Type B - 1/2 Duty, 1/2 Bias Timer/Event Counters The provision of timers form an important part of any microcontroller, giving the designer a means of carrying out time related functions. The devices contain several 8-bit and 16-bit count-up timers. As each timer has three different operating modes, they can be configured to op- erate as a general timer, an external event counter or as a pulse width measurement device. The provision of a prescaler to the clock circuitry of the 8-bit Timer/Event Counter also gives added range to this timer. There are two types of registers related to the Timer/Event Counters. The first are the registers that contain the actual value of the Timer/Event Counter and into which an initial value can be preloaded. Reading from these registers retrieves the contents of the Timer/Event Counter. The second type of associated register is the Timer Control Register which defines the timer options and determines how the Timer/Event Counter is to be used. The Timer/Event Counters can have the their clock configured to come from an internal clock source. In addition, their clock source can also be configured to come from an external timer pin. Configuring the Timer/Event Counter Input Clock Source The internal timer ¢s clock can originate from various sources. The system clock source is used when the Timer/Event Counter is in the timer mode or in the pulse width measurement mode. For the 8-bit Timer/Event Counter this internal clock source is fSYS which is also di- vided by a prescaler, the division ratio of which is condi- tioned by the Timer Control Register, TMRnC, bits TnPSC0~ TnPSC2. For the 16-bit Timer/Event Counter this internal clock source can be chosen from a combi- nation of internal clocks using a configuration option and the TnS bit in the TMRnC register. An external clock source is used when the timer is in the event counting mode, the clock source being provided on an external timer pin TMR0, TMR1, TMR2 or TMR3 depending upon which timer is used. Depending upon the condition of the TnE bit, each high to low, or low to high transition on the external timer pin will increment the counter by one. |