| Zakładka z wyszukiwarką danych komponentów |
|
MPC8308VMAGDA Arkusz danych(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308VMAGDA Arkusz danych(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0 Freescale Semiconductor 39 PCI Express Figure 27. Minimum Transmitter Timing and Voltage Output Compliance Specifications 11.4.3 Differential Receiver (RX) Input Specifications Table 35 defines the specifications for the differential input at all receivers (RXs). The parameters are specified at the component pins. Table 35. Differential Receiver (RX) Input Specifications Parameter Symbol Comments Min Typical Max Units Notes Unit interval UI Each UPERX is 400 ps ± 300 ppm. UPERX does not account for Spread Spectrum Clock dictated variations. 399.88 400 400.12 ps 1 Differential peak-to-peak output voltage VRX-DIFFp-p VPEDPPRX = 2*|VRX-D+ - VRX-D-| 0.175 — 1.200 V 2 Minimum receiver eye width TRX-EYE The maximum interconnect media and Transmitter jitter that can be tolerated by the Receiver can be derived as TRX-MAX-JITTER = 1 - UPEEWRX= 0.6 UI. 0.4 ——UI 2, 3 [De-emphasized Bit] 566 mV (3 dB) >= VTX-DIFFp-p-MIN >= 505 mV (4 dB) [Transition Bit] VTX-DIFFp-p-MIN = 800 mV [Transition Bit] VTX-DIFFp-p-MIN = 800 mV 0.7 UI = UI – 0.3 UI(JTX-TOTAL-MAX) VTX-DIFF = 0 mV (D+ D– Crossing Point) VTX-DIFF = 0 mV (D+ D– Crossing Point) |