Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AR1010T-I/ML Arkusz danych(PDF) 23 Page - Microchip Technology

Numer części AR1010T-I/ML
Szczegółowy opis  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/ML Arkusz danych(HTML) 23 Page - Microchip Technology

Back Button AR1010T-I/ML Datasheet HTML 19Page - Microchip Technology AR1010T-I/ML Datasheet HTML 20Page - Microchip Technology AR1010T-I/ML Datasheet HTML 21Page - Microchip Technology AR1010T-I/ML Datasheet HTML 22Page - Microchip Technology AR1010T-I/ML Datasheet HTML 23Page - Microchip Technology AR1010T-I/ML Datasheet HTML 24Page - Microchip Technology AR1010T-I/ML Datasheet HTML 25Page - Microchip Technology AR1010T-I/ML Datasheet HTML 26Page - Microchip Technology AR1010T-I/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 19
7.15.3 Calibrate - 0x14
Enter “calibration” mode. This instructs the controller to enter a mode of accepting the next four touches as the
calibration point coordinates. See section Calibration of Touch Sensor with Controller for an example.
Completion of calibration mode will automatically store the calibration point coordinates in on-board controller
memory and set (to 1) the CCE bit of the TouchOptions register. This bit enables the controller to report touch
coordinates that have been processed with the pre-collected calibration data.
The “calibration” mode will be cancelled by sending any command before the mode has been completed.
Send
: <0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive : <0x55><0x02><Response><0x14>
for initial command response
<0x55><0x02><Response><0x14>
for response to 1
st target touch release
<0x55><0x02><Response><0x14>
for response to 2
nd target touch release
<0x55><0x02><Response><0x14>
for response to 3
rd target touch release
<0x55><0x02><Response><0x14>
for response to 4
th target touch release
To provide for proper touch orientation, the four sequential calibration touches must be input in the following
physical order on the touch sensor.
# 1
# 2
Upper Left
Upper Right
Touch Sensor
# 4
# 3
Lower Left
Lower Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37