Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP4331-103E/ML Arkusz danych(PDF) 69 Page - Microchip Technology

Numer części MCP4331-103E/ML
Szczegółowy opis  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-103E/ML Arkusz danych(HTML) 69 Page - Microchip Technology

Back Button MCP4331-103E/ML Datasheet HTML 65Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 66Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 67Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 68Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 69Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 70Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 71Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 72Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 69
MCP433X/435X
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
4352502E
1004
256
XXXXX
20-Lead QFN (4x4)
XXXXXX
YYWWNNN
Example
XXXXXX
4351
502EML
256
^^3
e
20-Lead TSSOP
XXXXXXXX
XXXXX NNN
Example
1004
YYWW
4351502
EST
256
1004
^^3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88