| Zakładka z wyszukiwarką danych komponentów |
|
MCP2003 Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2003 Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 32 page ![]() 2010 Microchip Technology Inc. DS22230A-page 5 MCP2003/4 FIGURE 1-3: OPERATIONAL MODES STATE DIAGRAM – MCP2004 TABLE 1-1: OVERVIEW OF OPERATIONAL MODES Note: While the MCP2003/4 is in thermal shutdown, TXD should not be actively driven high or it may power internal logic through the ESD diodes and may damage the device. State Transmitter Receiver Vren Operation Comments POR OFF OFF OFF Read CS, if low, then Ready; if high, Operational mode Ready OFF ON ON If CS high level, then Operation mode Bus Off state Operation ON ON ON If CS low level, then Power Down; If FAULT/TXE low level, then Transmitter Off mode Normal Operation mode Power Down OFF Activity Detect OFF On LIN bus falling, go to Ready mode. On CS high level, go to Operation mode Low Power mode Transmitter Off OFF ON ON If CS low level, then Power Down; If FAULT/TXE and TXD high, then Operation mode FAULT/TXE only available on MCP2004 Operation Mode VREN ON RX ON TX ON Ready Mode VREN ON RX ON TX OFF TOFF Mode VREN ON RX ON TX OFF Sleep Mode VREN OFF RX OFF TX OFF VBB > 5 .5V CS = 0 CS = 0 Falling edge on LIN or CS = 1 POR VREN OFF RX OFF TX OFF CS = 1and TXE = 1 and TXD = 1 and No Fault Fault (Thermal or Timer) or TXE=0 CS = 1 and (TXE = 0 or TXD = 0) CS = 1 and TXD = 1 and TXE = 1 |