| Zakładka z wyszukiwarką danych komponentów |
|
MCP4331T-103E/ML Arkusz danych(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-103E/ML Arkusz danych(HTML) 22 Page - Microchip Technology |
|
22 / 88 page ![]() MCP433X/435X DS22242A-page 22 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-26: 10 k Pot Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-27: 10 k Pot Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-28: 10 k Pot Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). FIGURE 2-29: 10 k Rheo Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V, IW = 450 µA). FIGURE 2-30: 10 k Rheo Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V, IW = 240 µA). FIGURE 2-31: 10 k Rheo Mode – RW (), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V, IW = 125 µA). 20 40 60 80 100 120 0 64 128 192 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 500 1000 1500 2000 2500 3000 3500 4000 0 64 128 192 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -1 -0.5 0 0.5 1 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 64 128 192 256 Wiper Setting (decimal) -2 -1 0 1 2 3 4 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 500 1000 1500 2000 2500 3000 3500 4000 0 64 128 192 256 Wiper Setting (decimal) -2 8 18 28 38 48 58 68 78 88 98 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |