| Zakładka z wyszukiwarką danych komponentów |
|
MCP4331T-104E/ML Arkusz danych(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-104E/ML Arkusz danych(HTML) 28 Page - Microchip Technology |
|
28 / 88 page ![]() MCP433X/435X DS22242A-page 28 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-56: 50 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 5.5V, IW = 90 µA). FIGURE 2-57: 50 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 3.0V, IW = 48 µA). FIGURE 2-58: 50 k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 1.8V, IW = 30 µA). FIGURE 2-59: 50 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 5.5V, IW = 90 µA). FIGURE 2-60: 50 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 3.0V, IW = 48 µA). FIGURE 2-61: 50 k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 1.8V, IW = 30 µA). -1.00% 0.00% 1.00% 2.00% 3.00% 4.00% 5.00% 6.00% 7.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -2.00% -1.00% 0.00% 1.00% 2.00% 3.00% 4.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -1.50% -0.50% 0.50% 1.50% 2.50% 3.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. -3 -2 -1 0 1 2 3 4 5 6 7 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 -2 0 2 4 6 8 10 12 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 -1400 -1200 -1000 -800 -600 -400 -200 0 200 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |