| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F629-E/P Arkusz danych(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629-E/P Arkusz danych(HTML) 9 Page - Microchip Technology |
|
9 / 136 page ![]() 2010 Microchip Technology Inc. DS41190G-page 9 PIC12F629/675 2.0 MEMORY ORGANIZATION 2.1 Program Memory Organization The PIC12F629/675 devices have a 13-bit program counter capable of addressing an 8K x 14 program memory space. Only the first 1K x 14 (0000h-03FFh) for the PIC12F629/675 devices is physically imple- mented. Accessing a location above these boundaries will cause a wrap-around within the first 1K x 14 space. The Reset vector is at 0000h and the interrupt vector is at 0004h (see Figure 2-1). FIGURE 2-1: PROGRAM MEMORY MAP AND STACK FOR THE DSTEMP/675 2.2 Data Memory Organization The data memory (see Figure 2-2) is partitioned into two banks, which contain the General Purpose Registers and the Special Function Registers. The Special Function Registers are located in the first 32 locations of each bank. Register locations 20h-5Fh are General Purpose Registers, implemented as static RAM and are mapped across both banks. All other RAM is unimplemented and returns ‘0’ when read. RP0 (STATUS<5>) is the bank select bit. •RP0 = 0 Bank 0 is selected •RP0 = 1 Bank 1 is selected 2.2.1 GENERAL PURPOSE REGISTER FILE The register file is organized as 64 x 8 in the PIC12F629/675 devices. Each register is accessed, either directly or indirectly, through the File Select Register FSR (see Section 2.4 “Indirect Addressing, INDF and FSR Registers”). PC<12:0> 13 000h 0004 0005 03FFh 0400h 1FFFh Stack Level 1 Stack Level 8 Reset Vector Interrupt Vector On-chip Program Memory CALL, RETURN RETFIE, RETLW Stack Level 2 Note: The IRP and RP1 bits STATUS<7:6> are reserved and should always be maintained as ‘0’s. |