| Zakładka z wyszukiwarką danych komponentów |
|
MCP4902T-E/ST Arkusz danych(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4902T-E/ST Arkusz danych(HTML) 8 Page - Microchip Technology |
|
8 / 48 page ![]() MCP4902/4912/4922 DS22250A-page 8 2010 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Note 1 Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 14L-PDIP JA —70 — °C/W Thermal Resistance, 14L-SOIC JA —120 — °C/W Thermal Resistance, 14L-TSSOP JA —100 — °C/W Note 1: The MCP4902/4912/4922 devices operate over this extended temperature range, but with reduced performance. Operation in this range must not cause T J to exceed the maximum junction temperature of 150°C. |