| Zakładka z wyszukiwarką danych komponentów |
|
MCP1826-1202E/EB Arkusz danych(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1826-1202E/EB Arkusz danych(HTML) 9 Page - Microchip Technology |
|
9 / 36 page ![]() © 2007 Microchip Technology Inc. DS22057A-page 9 MCP1826/MCP1826S TEMPERATURE SPECIFICATIONS Power Supply Ripple Rejection Ratio PSRR — 60 — dB f = 100 Hz, COUT = 4.7 µF, IOUT = 100 µA, VINAC = 100 mV pk-pk, CIN = 0 µF Thermal Shutdown Temperature TSD — 150 — °C IOUT = 100 µA, VOUT = 1.8V, VIN = 2.8V Thermal Shutdown Hysteresis ΔTSD —10 — °C IOUT = 100 µA, VOUT = 1.8V, VIN = 2.8V Parameters Sym Min Typ Max Units Conditions Temperature Ranges Operating Junction Temperature Range TJ -40 — +125 °C Steady State Maximum Junction Temperature TJ — — +150 °C Transient Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 3L-DDPAK θJA — 31.4 — °C/W 4-Layer JC51 Standard Board θJC —3.0 — °C/W Thermal Resistance, 3L-TO-220 θJA — 29.4 — °C/W 4-Layer JC51 Standard Board θJC —2.0 — °C/W Thermal Resistance, 3L-SOT-223 θJA — 62 — °C/W EIA/JEDEC JESD51-751-7 4 Layer Board θJC — 15.0 — °C/W Thermal Resistance, 5L-DDPAK θJA — 31.2 — °C/W 4-Layer JC51 Standard Board θJC —3.0 — °C/W Thermal Resistance, 5L-TO-220 θJA — 29.3 — °C/W 4-Layer JC51 Standard Board θJC —2.0 — °C/W Thermal Resistance, 5L-SOT-223 θJA — 62 — °C/W EIA/JEDEC JESD51-751-7 4 Layer Board θJC — 15.0 — °C/W AC/DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX), Note 1, VR=1.8V for Adjustable Output, IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C. Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C Parameters Sym Min Typ Max Units Conditions Note 1: The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX). 2: VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1. 3: TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature). VOUT-HIGH is the highest voltage measured over the temperature range. VOUT-LOW is the lowest voltage measured over the temperature range. 4: Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested over a load range from 1 mA to the maximum specified output current. 5: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its nominal value that was measured with an input voltage of VIN = VOUT(MAX) + VDROPOUT(MAX). 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained junction temperatures above 150°C can impact device reliability. 7: The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the desired junction temperature. The test time is small enough such that the rise in the junction temperature over the ambient temperature is not significant. |