Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16F526T-I/ST Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części PIC16F526T-I/ST
Szczegółowy opis  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526T-I/ST Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button PIC16F526T-I/ST Datasheet HTML 5Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 6Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 7Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 8Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 9Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 10Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 11Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 12Page - Microchip Technology PIC16F526T-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 9
PIC16F526
2.0
PIC16F526 DEVICE VARIETIES
A variety of packaging options are available.
Depending
on
application
and
production
requirements, the proper device option can be selected
using the information in this section. When placing
orders,
please
use
the
PIC16F526
Product
Identification System at the back of this data sheet to
specify the correct part number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high quantity units and whose code
patterns have stabilized. The devices are identical to
the Flash devices but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers may be random,
pseudo-random or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More