| Zakładka z wyszukiwarką danych komponentów |
|
EM357-RTR Arkusz danych(PDF) 68 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Arkusz danych(HTML) 68 Page - List of Unclassifed Manufacturers |
|
68 / 240 page ![]() EM351 / EM357 GPIO_INTCFGx GPIO_INTCFGA GPIO Interrupt A Configuration Register Address: 0x4000A860 Reset: 0x0 GPIO_INTCFGB GPIO Interrupt B Configuration Register Address: 0x4000A864 Reset: 0x0 GPIO_INTCFGC GPIO Interrupt C Configuration Register Address: 0x4000A868 Reset: 0x0 GPIO_INTCFGD GPIO Interrupt D Configuration Register Address: 0x4000A86C Reset: 0x0 Substitute A, B, C, or D for x in the following detail description. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 GPIO_INTFILT 7 6 5 4 3 2 1 0 GPIO_INTMOD 0 0 0 0 0 Bitname Bitfield Access Description GPIO_INTFILT [8] RW Set this bit to enable digital filtering on IRQx. GPIO_INTMOD [7:5] RW IRQx triggering mode. 0x0: Disabled. 0x1: Rising edge triggered. 0x2: Falling edge triggered. 0x3: Rising and falling edge triggered. 0x4: Active high level triggered. 0x5: Active low level triggered. 0x6, 0x7: Reserved. 7-19 120-035X-000D Preliminary |