| Zakładka z wyszukiwarką danych komponentów |
|
HCS12 Arkusz danych(PDF) 227 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Arkusz danych(HTML) 227 Page - Freescale Semiconductor, Inc |
|
227 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 227 Operation: Description: Shifts all bits of memory location M one place to the right. Bit 7 is loaded with 0. The C status bit is loaded from the least significant bit of M. LSR Logical Shift Right Memory LSR C b7 – – – – – – b0 0 CCR Details: S X HIN Z V C –––– 0 ∆∆∆ N: 0; cleared Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: M0 Set if the LSB of M was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LSR opr16a LSR oprx0_xysp LSR oprx9,xysp LSR oprx16,xysp LSR [D,xysp] LSR [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 74 hh ll 64 xb 64 xb ff 64 xb ee ff 64 xb 64 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |