| Zakładka z wyszukiwarką danych komponentów |
|
HCS12 Arkusz danych(PDF) 274 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Arkusz danych(HTML) 274 Page - Freescale Semiconductor, Inc |
|
274 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 274 Freescale Semiconductor Operation: (B) – (M) – C ⇒ B Description: Subtracts the content of memory location M and the value of the C status bit from the content of accumulator B. The result is placed in B. For subtraction instructions, the C status bit represents a borrow. SBCB Subtract with Carry from B SBCB CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: B7 • M7 • R7 + B7 • M7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: B7 • M7 + M7 • R7 + R7 • B7 Set if the absolute value of the content of memory plus previous carry is larger than the absolute value of the accumulator; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SBCB #opr8i SBCB opr8a SBCB opr16a SBCB oprx0_xysp SBCB oprx9,xysp SBCB oprx16,xysp SBCB [D,xysp] SBCB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C2 ii D2 dd F2 hh ll E2 xb E2 xb ff E2 xb ee ff E2 xb E2 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |