| Zakładka z wyszukiwarką danych komponentów |
|
HCS12 Arkusz danych(PDF) 105 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Arkusz danych(HTML) 105 Page - Freescale Semiconductor, Inc |
|
105 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 105 Operation: (A) + (M) ⇒ A Description: Adds the content of memory location M to accumulator A and places the result in A. This instruction affects the H status bit, so it is suitable for use in BCD arithmetic operations. See DAA instruction for additional information. ADDA Add without Carry to A ADDA CCR Details: S X HIN Z V C –– ∆ – ∆∆∆∆ H: A3 • M3 + M3 • R3 + R3 • A3 Set if there was a carry from bit 3; cleared otherwise N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • M7 • R7 + A7 • M7 • R7 Set if two’s complement overflow resulted from the operation; cleared otherwise C: A7 • M7 + M7 • R7 + R7 • A7 Set if there was a carry from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ADDA #opr8i ADDA opr8a ADDA opr16a ADDA oprx0_xysp ADDA oprx9,xysp ADDA oprx16,xysp ADDA [D,xysp] ADDA [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 8B ii 9B dd BB hh ll AB xb AB xb ff AB xb ee ff AB xb AB xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |