| Zakładka z wyszukiwarką danych komponentów |
|
HCS12 Arkusz danych(PDF) 161 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Arkusz danych(HTML) 161 Page - Freescale Semiconductor, Inc |
|
161 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 161 Description: DAA adjusts the content of accumulator A and the state of the C status bit to represent the correct binary-coded-decimal sum and the associated carry when a BCD calculation has been performed. To execute DAA, the content of accumulator A, the state of the C status bit, and the state of the H status bit must all be the result of performing an ABA, ADD, or ADC on BCD operands, with or without an initial carry. The table shows DAA operation for all legal combinations of input operands. Columns 1 through 4 represent the results of ABA, ADC, or ADD operations on BCD operands. The correction factor in column 5 is added to the accumulator to restore the result of an operation on two BCD operands to a valid BCD value and to set or clear the C bit. All values are in hexadecimal. DAA Decimal Adjust A DAA 1234 5 6 Initial C Bit Value Value of A[7:4] Initial H Bit Value Value of A[3:0] Correction Factor Corrected C Bit Value 0 0–9 0 0–9 00 0 0 0–8 0 A–F 06 0 0 0–9 1 0–3 06 0 0 A–F 0 0–9 60 1 0 9–F 0 A–F 66 1 0 A–F 1 0–3 66 1 1 0–2 0 0–9 60 1 1 0–2 0 A–F 66 1 1 0–3 1 0–3 66 1 CCR Details: S X HIN Z V C –––– ∆∆ ? ∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: Undefined C: Represents BCD carry. See bit table Source Form Address Mode Object Code Access Detail HCS12 M68HC12 DAA INH 18 07 OfO OfO |