| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F1933-E/ML Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1933-E/ML Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 418 page ![]() © 2008 Microchip Technology Inc. Preliminary DS41364A-page 1 PIC16F193X/LF193X Devices Included In This Data Sheet: PIC16F193X Devices: PIC16LF193X Devices: High-Performance RISC CPU: • Only 49 Instructions to Learn: - All single-cycle instructions except branches • Operating Speed: - DC – 32 MHz oscillator/clock input - DC – 125 ns instruction cycle • Up to 16K x 14 Words of Flash Program Memory • Up to 1024 Bytes of Data Memory (RAM) • Interrupt Capability • 16-Level Deep Hardware Stack • Direct, Indirect and Relative Addressing modes • Processor Read Access to Program Memory • Pinout Compatible to other 28/40-pin PIC16CXXX and PIC16FXXX Microcontrollers Special Microcontroller Features: • Precision Internal Oscillator: - Factory calibrated to ±1%, typical - Software selectable frequency range from 32 MHz to 31 kHz • Power-Saving Sleep mode • Industrial and Extended Temperature Range • Power-on Reset (POR) • Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Brown-out Reset (BOR) - Selectable between two trip points - Disable in Sleep option • Multiplexed Master Clear with Pull-up/Input Pin • Programmable Code Protection • High Endurance Flash/EEPROM cell: - 100,000 write Flash endurance - 1,000,000 write EEPROM endurance - Flash/Data EEPROM retention: > 40 years • Wide Operating Voltage Range: - 1.8V-5.5V (PIC16F193X) - 1.8V-3.6V (PIC16LF193X) Low-Power Features: • Standby Current: - 100 nA @ 2.0V, typical (PIC16LF193X) • Operating Current: -6.0 μA @ 32 kHz, 2.0V, typical (PIC16LF193X) -54 μA @ 1 MHz, 2.0V, typical (PIC16LF193X) • Low-Power Watchdog Timer Current: -1.0 μA @ 2.0V, typical (PIC16LF193X) Peripheral Features: • Up to 35 I/O Pins and 1 Input-only pin: - High-current source/sink for direct LED drive - Individually programmable Interrupt-on-pin change pins - Individually programmable weak pull-ups • A/D Converter: - 10-bit resolution and up to 14 channels - Can operate during Sleep - Selectable 1.024/2.048/4.096V voltage reference • Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler • Enhanced Timer1 - Dedicated low-power 32 kHz oscillator - 16-bit timer/counter with prescaler - External Gate Input mode with toggle and single shot modes - Interrupt-on-gate completion • Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler • Two Capture, Compare, PWM Modules (CCP) - 16-bit Capture, max. resolution 12.5 ns - 16-bit Compare, max. resolution 200 ns - 10-bit PWM, max. frequency 20 kHz • Three Enhanced Capture, Compare, PWM modules (ECCP) - Software selectable time-bases - Auto-shutdown and auto-restart - PWM steering • Master Synchronous Serial Port (SSP) with SPI and I2CTM with: - 7-bit address masking - SMBUS/PMBUSTM compatibility • Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) - RS-232, RS 485 and LIN compatible - Auto-Baud Detect - Auto-wake-up on start • PIC16F1933 • PIC16F1934 • PIC16F1936 • PIC16F1937 • PIC16F1938 • PIC16F1939 • PIC16LF1933 • PIC16LF1934 • PIC16LF1936 • PIC16LF1937 • PIC16LF1938 • PIC16LF1939 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers |