| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F1933-E/P Arkusz danych(PDF) 146 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1933-E/P Arkusz danych(HTML) 146 Page - Microchip Technology |
|
146 / 418 page ![]() PIC16F193X/LF193X DS41364A-page 144 Preliminary © 2008 Microchip Technology Inc. FIGURE 12-2: COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output 2: When CxON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX Cx(3) 0 1 2 3 CxON(1) CxNCH<1:0> 2 0 1 CXPCH<1:0> CXIN1- CXIN2- CXIN3- CXIN+ MUX - + CxVN CxVP CXOUT To ECCP PWM Logic Q1 D EN Q CXPOL MCXOUT Set CxIF 0 1 CXSYNC CXOE CXOUT DQ SYNCCXOUT DAC FVR Buffer2 CXIN0- 2 CxSP CxHYS det Interrupt det Interrupt To Timer1 CxINTN CxINTP To Data Bus 2 3 VSS TRIS bit CxON (2) (2) (from Timer1) T1CLK |