| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F1933-E/P Arkusz danych(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1933-E/P Arkusz danych(HTML) 15 Page - Microchip Technology |
|
15 / 418 page ![]() © 2008 Microchip Technology Inc. Preliminary DS41364A-page 13 PIC16F193X/LF193X 1.0 DEVICE OVERVIEW The PIC16F193X/LF193X devices are described within this data sheet. They are available in 28/40/44-pin packages. Figure 1-1 shows a block diagram of the PIC16F193X/LF193X devices. Table 1-1 shows the pinout descriptions. FIGURE 1-1: PIC16F193X/LF193X BLOCK DIAGRAM Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT VDD PORTA RA4 RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 8 8 Brown-out Reset RA3 RA1 RA0 12 3 RA6 RA7 RB6 RB7 VSS Internal Oscillator Block Configuration Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Instruction Decode & Control Timing Generation VDD RC1 8 8 3 VSS Internal Oscillator Block Configuration 15 Data Bus 8 14 Program Bus Instruction Reg Program Counter 16-Level Stack (15-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR0 Reg STATUS Reg MUX ALU W Reg Instruction Decode and Control Timing Generation VDD PORTB PORTC RA5 8 8 RA2 3 RB0 RB1 RB2 RB3 RB4 RB5 VSS Internal Oscillator Block Configuration Flash Program Memory RAM Timer1 Timer0 Timer2/4/6 Comparators Timer1 CCP4/5 ECCP1/2/3 MSSP Addressable EUSART Data EEPROM 256 bytes SR Latch LCD RD0 RC1 RD2 RD3 RD4 RD5 RD6 RD7 RD1 PORTD RE0 RE2 RE3/MCLR RE1 PORTE FSR reg FSR reg FSR1 Reg 15 15 15 Program Memory Read (PMR) |