| Zakładka z wyszukiwarką danych komponentów |
|
11AA080T-IMS Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
11AA080T-IMS Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 44 page ![]() 11AAXXX/11LCXXX DS22067H-page 4 Preliminary 2010 Microchip Technology Inc. TABLE 1-3: AC TEST CONDITIONS TABLE 1-2: AC CHARACTERISTICS AC CHARACTERISTICS Electrical Characteristics: Industrial (I): VCC = 2.5V to 5.5V TA = -40°C to +85°C VCC = 1.8V to 2.5V TA = -20°C to +85°C Automotive (E): VCC = 2.5V to 5.5V TA = -40°C to +125°C Param. No. Sym. Characteristic Min. Max. Units Test Conditions 1FBUS Serial bus frequency 10 100 kHz — 2TE Bit period 10 100 µs — 3TIJIT Input edge jitter tolerance — ±0.08 UI (Note 3) 4FDRIFT Serial bus frequency drift rate tolerance — ±0.75 % per byte — 5FDEV Serial bus frequency drift limit —±5 % per command — 6TOJIT Output edge jitter — ±0.25 UI (Note 3) 7TR SCIO input rise time (Note 1) — 100 ns — 8TF SCIO input fall time (Note 1) — 100 ns — 9TSTBY Standby pulse time 600 — µs — 10 TSS Start header setup time 10 — µs — 11 THDR Start header low pulse time 5— µs — 12 TSP Input filter spike suppression (SCIO) —50 ns (Note 1) 13 TWC Write cycle time (byte or page) — — 5 10 ms ms Write, WRSR commands ERAL, SETAL commands 14 — Endurance (per page) 1M — cycles 25°C, VCC = 5.5V (Note 2) Note 1: This parameter is periodically sampled and not 100% tested. 2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained on Microchip’s web site: www.microchip.com. 3: A Unit Interval (UI) is equal to 1-bit period (TE) at the current bus frequency. AC Waveform: VLO = 0.2V VHI = VCC - 0.2V CL = 100 pF Timing Measurement Reference Level Input 0.5 VCC Output 0.5 VCC |