| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F1933-E/ML Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1933-E/ML Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 508 page ![]() PIC16F193X/LF193X DS41364D-page 4 Preliminary 2009 Microchip Technology Inc. Peripheral Features (Continued): • Master Synchronous Serial Port (MSSP) with SPI and I2CTM with: - 7-bit address masking - SMBUS/PMBUSTM compatibility - Auto-wake-up on start • Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) - RS-232, RS-485 and LIN compatible - Auto-Baud Detect • SR Latch (555 Timer): - Multiple Set/Reset input options - Emulates 555 Timer applications • 2 Comparators: - Rail-to-rail inputs/outputs - Power mode control - Software enable hysteresis • Voltage Reference module: - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels - 5-bit rail-to-rail resistive DAC with positive and negative reference selection PIC16F193X/LF193X Family Types PIC16F1933 PIC16LF1933 4096 256 256 25 11 8 2 4/1 Yes Yes 3 2 16(1)/4 PIC16F1934 PIC16LF1934 4096 256 256 36 14 16 2 4/1 Yes Yes 3 2 24/4 PIC16F1936 PIC16LF1936 8192 256 512 25 11 8 2 4/1 Yes Yes 3 2 16(1)/4 PIC16F1937 PIC16LF1937 8192 256 512 36 14 16 2 4/1 Yes Yes 3 2 24/4 PIC16F1938 PIC16LF1938 16384 256 1024 25 11 8 2 4/1 Yes Yes 3 2 16(1)/4 PIC16F1939 PIC16LF1939 16384 256 1024 36 14 16 2 4/1 Yes Yes 3 2 24/4 Note 1: COM3 and SEG15 share the same physical pin on PIC16F1933/1936/1938/PIC16LF1933/1936/1938, therefore, SEG15 is not available when using 1/4 multiplex displays. |