| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLP Arkusz danych(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLP Arkusz danych(HTML) 26 Page - Texas Instruments |
|
26 / 75 page ![]() 3 2 1 0 −1 0 1 2 3 4 4 5 PULSE RESPONSE 6 5 6 7 Input Output TA = 25°C 220 Ω 50 Ω GND Output Pulse Generator f = 100 kHz TEST CIRCUIT FOR PULSE RESPONSE t − Time − µs 150 Ω IKA R1 = 10 kΩ R2 CL VBATT IKA CL VBATT 150 Ω TEST CIRCUIT FOR CURVE A TEST CIRCUIT FOR CURVES B, C, AND D 50 40 10 0 0.001 0.01 0.1 1 70 90 STABILITY BOUNDARY CONDITIONS FOR ALL TL431 AND TL431A DEVICES (EXCEPT FOR SOT23-3, SC-70, AND Q-TEMP DEVICES) 100 10 30 80 60 20 TA = 25°C B Stable Stable A V KA = Vref B VKA = 5 V C VKA = 10 V D VKA = 15 Vf CL − Load Capacitance − µF A C D + − + − TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543K – AUGUST 2004 – REVISED JUNE 2010 www.ti.com Figure 14. A. The areas under the curves represent conditions that may cause the device to oscillate. For curves B, C, and D, R2 and V+ are adjusted to establish the initial VKA and IKA conditions, with CL = 0. VBATT and CL then are adjusted to determine the ranges of stability. Figure 15. 26 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |