Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC3632 Arkusz danych(PDF) 12 Page - Linear Technology

Numer części LTC3632
Szczegółowy opis  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Arkusz danych(HTML) 12 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology LTC3632 Datasheet HTML 10Page - Linear Technology LTC3632 Datasheet HTML 11Page - Linear Technology LTC3632 Datasheet HTML 12Page - Linear Technology LTC3632 Datasheet HTML 13Page - Linear Technology LTC3632 Datasheet HTML 14Page - Linear Technology LTC3632 Datasheet HTML 15Page - Linear Technology LTC3632 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC3632
12
3632fb
APPLICATIONS INFORMATION
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that ripple current ratings
from capacitor manufacturers are often based only on
2000 hours of life which makes it advisable to further
derate the capacitor, or choose a capacitor rated at a
higher temperature than required. Several capacitors may
also be paralleled to meet size or height requirements in
the design.
The output capacitor, COUT, filters the inductor’s ripple
current and stores energy to satisfy the load current
when the LTC3632 is in sleep. The output voltage ripple
during a burst cycle is dominated by the output capacitor
equivalent series resistance (ESR) and can be estimated
by the following equation:
VOUT
160
< ΔVOUT ≤IPEAK •ESR
where the lower limit of VOUT/160 is due to the 5mV
feedback comparator hysteresis.
The value of the output capacitor must be large enough
to accept the energy stored in the inductor without a large
change in output voltage. Setting this voltage step equal to
1% of the output voltage, the output capacitor must be:
COUT > 50 • L •
IPEAK
VOUT
2
Typically, a capacitor that satisfies the ESR requirement is
adequate to filter the inductor ripple. To avoid overheating,
the output capacitor must also be sized to handle the ripple
current generated by the inductor. The worst-case ripple
current in the output capacitor is given by IRMS = IPEAK/2.
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic,
and ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density
but it is important only to use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR but
can be used in cost-sensitive applications provided that
consideration is given to ripple current ratings and long-
term reliability. Ceramic capacitors have excellent low ESR
characteristics but can have high voltage coefficient and
audible piezoelectric effects. The high quality factor (Q)
of ceramic capacitors in series with trace inductance can
also lead to significant ringing.
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input and
the power is supplied by a wall adapter through long wires,
a load step at the output can induce ringing at the input,
VIN. At best, this ringing can couple to the output and be
mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause a
voltage spike at VIN large enough to damage the part.
For applications with inductive source impedance, such
as a long wire, a series RC network may be required in
parallel with CIN to dampen the ringing of the input supply.
Figure 5 shows this circuit and the typical values required
to dampen the ringing.
LTC3632
VIN
CIN
LIN
3632 F05
4 • CIN
R =
LIN
CIN
Figure 5. Series RC to Reduce VIN Ringing
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation:
VOUT = 0.8V • 1+
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com