Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4219 Arkusz danych(PDF) 7 Page - Linear Technology

Numer części LTC4219
Szczegółowy opis  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Arkusz danych(HTML) 7 Page - Linear Technology

Back Button LTC4219 Datasheet HTML 3Page - Linear Technology LTC4219 Datasheet HTML 4Page - Linear Technology LTC4219 Datasheet HTML 5Page - Linear Technology LTC4219 Datasheet HTML 6Page - Linear Technology LTC4219 Datasheet HTML 7Page - Linear Technology LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology LTC4219 Datasheet HTML 10Page - Linear Technology LTC4219 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4219
7
4219f
PIN FUNCTIONS
EN1: Inverted Enable 1 Input. Ground this pin to enable
the MOSFET to turn on after 100ms debounce delay. If
the voltage at this pin rises above 1.235V for longer than
10μs a turn-off command is detected, the overcurrent
fault is cleared and the MOSFET gate is discharged with
a 250μA current. Bringing this pin below 1.15V and EN2
low for 100ms begins GATE pin ramping.
EN2: Inverted Enable 2 Input. Ground this pin to enable
the MOSFET to turn on after 100ms debounce delay. If
the voltage at this pin rises above 1.235V for longer than
10μs a turn-off command is detected and the MOSFET
gate is discharged with a 250μA current. Bringing this
pin below 1.15V and EN1 low for 100ms begins GATE
pin ramping.
Exposed Pad: SENSE.
FB: Foldback and Power Good Input. The FB pin is driven
from an internal resistive divider from OUT for both the
LTC4219-12 and LTC4219-5. These versions preset 12V
and 5V foldback and power good levels. If the OUT volt-
age falls below 2.5V (LTC4219-5) or 6V (LTC4219-12)
the current limit is reduced using a foldback profile (see
the Typical Performance Characteristics section). If the
FB voltage falls below 1.21V the PG pin will pull high to
indicate the power is bad.
FLT: Overcurrent Fault Indicator. Open-drain output pulls
low when an overcurrent fault has occurred and the circuit
breaker trips.
GATE: Gate Drive for Internal N-channel MOSFET. An
internal 24μA current source charges the gate of the
N-channel MOSFET. At start-up the GATE pin ramps up at
a 0.3V/ms rate determined by internal circuitry. During an
undervoltage or overvoltage condition a 250μA pull-down
current turns the MOSFET off. During a short-circuit or
undervoltage lockout condition, a 140mA pull-down cur-
rent source between GATE and OUT is activated.
GND: Device Ground.
IMON: Current Monitor Output. The current in the internal
MOSFET switch is divided by 50,000 and sourced from
this pin. Placing a 20k resistor from this pin to GND cre-
ates a 0V to 2V voltage swing when current ranges from
0A to 5A.
INTVCC: Internal 3V Supply Decoupling Output. This pin
must have a 0.1μF or larger bypass capacitor.
ISET: Current Limit Adjustment Pin. For a 5.6A current limit
value open this pin. This pin is driven by a 20k resistor
in series with a voltage source. The pin voltage is used
to generate the current limit threshold. The internal 20k
resistor and an external resistor between ISET and ground
create an attenuator that lowers the current limit value.
In order to match the temperature variation of the sense
resistor, the voltage on this pin increases at the same rate
as the sense resistance increases. Therefore the voltage
at ISET pin is proportional to temperature of the MOSFET
switch.
OUT: Output of Internal MOSFET Switch. Connect this pin
directly to the load. An internal resistive divider is con-
nected to this pin to drive the FB pin.
PG: Power Good Indicator. Open-drain output releases
the PG pin to go high when the FB pin drops below 1.21V
indicating the power is bad. If the FB pin rises above 1.23V
and the GATE to OUT voltage exceeds 4.2V, the open-drain
output pulls low indicating power is good.
SENSE: Current Sense Node and MOSFET Drain. The cur-
rent limit circuit controls the GATE pin to limit the sense
voltage between the VDD and SENSE pins to 42mV (5.6A)
or less depending on the voltage at the FB pin. The exposed
pad on the DHC package is connected to SENSE and must
be soldered to an electrically isolated printed circuit board
trace to properly transfer the heat out of the package.
TIMER: Timer Input. Connect a capacitor between this pin
and ground to set a 12ms/μF duration for current limit
before the switch is turned off. If the EN1 pin is toggled
first high then low while the MOSFET switch is off, the
switch will turn on again following a cooldown time of
518ms/μF duration. Tie this pin to INTVCC for a fixed 2ms
overcurrent delay and 100ms auto-retry time.
VDD: Supply Voltage and Current Sense Input. This pin
has an undervoltage lockout threshold of 2.73V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com