Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OWS1205 Arkusz danych(PDF) 3 Page - Power-One

Numer części OWS1205
Szczegółowy opis  Industry Standard Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-ONE [Power-One]
Strona internetowa  http://www.power-one.com
Logo POWER-ONE - Power-One

OWS1205 Arkusz danych(HTML) 3 Page - Power-One

  OWS1205 Datasheet HTML 1Page - Power-One OWS1205 Datasheet HTML 2Page - Power-One OWS1205 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and
add them to the model number. Example ordering options are located below the options table.
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems, equipment used
in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manu-
factured. Specifications are subject to change without notice.
OPTIONS
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, LES,
TTL "Low" Turns Module ON
QBS, QES, QLS, TES, TQD
TTL "High" Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, HLS, QBS, QES,
QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180"
(4.6mm)
0.110" (2.8mm) Pin Length
8
All Units (Except SMS)
0.150" (3.8mm) Pin Length
9
All Units (Except SMS)
0.24" (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.24" (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.45" (11.4mm) Horizontal Heatsink
2H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.45" (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.95" (24.1mm) Horizontal Heatsink
3H
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
0.95" (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, HLS, HLD, QLS,
SIP, SM TLD, and TKD Packages)
Includes Thermal Pad
Powering Communications and Technology
3



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com