Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0920AT50A080 Arkusz danych(PDF) 3 Page - Johanson Technology Inc.

Numer części 0920AT50A080
Szczegółowy opis  920 MHz Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JOHANSON [Johanson Technology Inc.]
Strona internetowa  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0920AT50A080 Arkusz danych(HTML) 3 Page - Johanson Technology Inc.

  0920AT50A080 Datasheet HTML 1Page - Johanson Technology Inc. 0920AT50A080 Datasheet HTML 2Page - Johanson Technology Inc. 0920AT50A080 Datasheet HTML 3Page - Johanson Technology Inc. 0920AT50A080 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
920 MHz Antenna
P/N 0920AT50A080
Detail Specification: 04/07/05
Page 3 of 4
Typical Electrical Characteristics (T=25
oC)
Test Board:
Return Loss
b) With Matching Circuit
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
40 mm
96. 2 mm
80.1 mm
31.9 mm
50 Ohm feed
Ground
clearance
Matching Circuit



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com