Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM8202 Arkusz danych(PDF) 1 Page - New Japan Radio

Numer części NJM8202
Szczegółowy opis  Single Supply, Rail-to-Rail Output Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8202 Arkusz danych(HTML) 1 Page - New Japan Radio

  NJM8202 Datasheet HTML 1Page - New Japan Radio NJM8202 Datasheet HTML 2Page - New Japan Radio NJM8202 Datasheet HTML 3Page - New Japan Radio NJM8202 Datasheet HTML 4Page - New Japan Radio NJM8202 Datasheet HTML 5Page - New Japan Radio NJM8202 Datasheet HTML 6Page - New Japan Radio NJM8202 Datasheet HTML 7Page - New Japan Radio NJM8202 Datasheet HTML 8Page - New Japan Radio NJM8202 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NJM8202
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM8202 is a low noise Rail-to-Rail output dual
operational amplifier. It is tolerant to RF noise.
NJM8202M
Rail-to-Rail output function provides wide dynamic range, is
from ground to power supply level. And input range is from
ground level.
NJM8202E
It is suitable for audio section of portable sets, PCs and any
General-purpose applications.
NJM8202V
NJM8202R
NJM8202RB1
■ FEATURES
Output Offset Voltage Shift
vs. Frequency of Input Pin
V
+/V-=±1.25V, G
V=40dB, Ta=25ºC
-200
-150
-100
-50
0
50
100
150
200
0G
1G
10G
Frequency[MHz]
100M
Conventional
Products
NJM8202
●RF Immunity
Enhance the RF immunity from mobile phones
●Rail-to-Rail Output
0.25V~4.75V min. @V+=5V
●Operating Temperature -40ºC ~+85ºC
●Operation Voltage
+2.5V~+14V(±1.25~±7V)
●Slew Rate
3.5V/µs(typ.)
●GBW
10MHz(typ.)
●Voltage noise
10n/
√Hz(typ.) @1kHz
●Input Offset Voltage
6.0mV(max.)
●Supply Current
5mA(max.)
●Package
DMP8, EMP8, SSOP8
VSP8, TVSP8
■ APPLICATIONS
●Note PC, PDA
Test Circuit
RG
RF
RG//RF
●Mobile phone
●Audio signal processing
●Current detect
●Buffer, Active filter
■ TYPICAL APPLICATION
■ PIN CONFIGURATION
Vin1
Vin2
Vout
RF noise immunity
R1
R2
R3
R4
R1=R3, R2=R4
Vout=R2/R1x(Vin2-Vin1)+V
BIAS
VBIAS
Pin Function
1. A OUTPUT
2. A
−INPUT
3. A +INPUT
4. V
5. B +INPUT
6. B –INPUT
7. B OUTPUT
8. V
+
(Top View)
1
2
3
4
8
7
6
5
V-
V+
Differential Amplifier
Ver.2010-03-25
- 1 -


Podobny numer części - NJM8202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nisshinbo Micro Devices...
NJM8202 NISSHINBO-NJM8202 Datasheet
374Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Ver.2013-10-24
NJM8202E NISSHINBO-NJM8202E Datasheet
374Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Ver.2013-10-24
NJM8202M NISSHINBO-NJM8202M Datasheet
374Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Ver.2013-10-24
NJM8202R NISSHINBO-NJM8202R Datasheet
374Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Ver.2013-10-24
NJM8202RB1 NISSHINBO-NJM8202RB1 Datasheet
374Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Ver.2013-10-24
More results

Podobny opis - NJM8202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com