| Zakładka z wyszukiwarką danych komponentów |
|
ADM1025ARQZ-R7 Arkusz danych(PDF) 12 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1025ARQZ-R7 Arkusz danych(HTML) 12 Page - ON Semiconductor |
|
12 / 21 page ![]() ADM1025/ADM1025A Preliminary Technical Data Rev. P5 | Page 12 of 21| www.onsemi.com INPUT CIRCUITS The internal structure for the analog inputs is shown in Figure 14. Each input circuit consists of an input protection diode, an attenuator, plus a capacitor to form a first order low- pass filter that gives the input immunity to high frequency noise. Figure 14. Structure of Analog Inputs Table 5. A/D Output Code vs. VIN Input Voltage A/D Output 12 VIN 5 VIN VCC/3.3 VIN 2.5 VIN VCCPIN Decimal Binary <0.062 <0.026 <0.0172 <0.013 <0.012 0 0000 0000 0.062−0.125 0.026–0.052 0.017–0.034 0.013–0.026 0.012–0.023 1 0000 0001 0.125–0.188 0.052−0.078 0.034−0.052 0.026−0.039 0.023−0.035 2 0000 0010 0.188−0.250 0.078−0.104 0.052−0.069 0.039−0.052 0.035−0.047 3 0000 0011 0.250−0.313 0.104−0.130 0.069−0.086 0.052−0.065 0.047−0.058 4 0000 0100 0.313−0.375 0.130−0.156 0.086−0.103 0.065−0.078 0.058−0.070 5 0000 0101 0.375−0.438 0.156−0.182 0.103−0.120 0.078−0.091 0.070−0.082 6 0000 0110 0.438−0.500 0.182−0.208 0.120−0.138 0.091−0.104 0.082−0.093 7 0000 0111 0.500−0.563 0.208−0.234 0.138−0.155 0.104−0.117 0.093−0.105 8 0000 1000 • • 4.000−4.063 1.666−1.692 1.100−1.117 0.833−0.846 0.749−0.761 64 (1/4 Scale) 0100 0000 • • 8.000−8.063 3.330−3.560 2.200−2.217 1.667−1.680 1.499−1.511 128 (1/2 Scale) 1000 0000 • • 12.000−12.063 5.000−5.026 3.300−3.317 2.500−2.513 2.249−2.261 192 (3/4 Scale) 1100 0000 • • 15.312−15.375 6.380−6.406 4.210−4.230 3.190−3.203 2.869−2.881 245 1111 0101 15.375−15.437 6.406−6.432 4.230−4.245 3.203−3.216 2.881−2.893 246 1111 0110 15.437−15.500 6.432−6.458 4.245−4.263 3.216−3.229 2.893−2.905 247 1111 0111 15.500−15.563 6.458−6.484 4.263−4.280 3.229−3.242 2.905−2.916 248 1111 1000 15.625−15.625 6.484−6.510 4.280−4.300 3.242−3.255 2.916−2.928 249 1111 1001 15.625−15.688 6.510−6.536 4.300−4.314 3.255−3.268 2.928−2.940 250 1111 1010 15.688−15.750 6.536−6.562 4.314−4.330 3.268−3.281 2.940−2.951 251 1111 1011 15.750−15.812 6.562−6.588 4.331−4.348 3.281−3.294 2.951−2.964 252 1111 1100 15.812−15.875 6.588−6.615 4.348−4.366 3.294−3.307 2.964−2.975 253 1111 1101 15.875−15.938 6.615−6.640 4.366−4.383 3.307−3.320 2.975−2.987 254 1111 1110 >15.938 >6.640 >4.383 >3.320 >2.988 255 1111 1111 |