| Zakładka z wyszukiwarką danych komponentów |
|
ADM1032ARMZ-R7 Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1032ARMZ-R7 Arkusz danych(HTML) 2 Page - ON Semiconductor |
|
2 / 18 page ![]() ADM1032 http://onsemi.com 2 Figure 1. Functional Block Diagram ON−CHIP TEMPERATURE SENSOR A/D CONVERTER BUSY RUN/STANDBY EXTERNAL DIODE OPEN−CIRCUIT ADDRESS POINTER REGISTER CONVERSION RATE REGISTER REMOTE TEMPERATURE HIGH LIMIT REGISTER CONFIGURATION REGISTER INTERRUPT MASKING LIMIT COMPARATOR REMOTE TEMPERATURE VALUE REGISTER LOCAL TEMPERATURE VALUE REGISTER VDD GND SDATA SCLK ALERT D+ D– REMOTE TEMPERATURE LOW LIMIT REGISTER LOCAL TEMPERATURE HIGH LIMIT REGISTER LOCAL TEMPERATURE LOW LIMIT REGISTER ANALOG MUX ADM1032 EXTERNAL THERM LIMIT REGISTER STATUS REGISTER SMBUS INTERFACE REMOTE OFFSET REGISTER THERM LOCAL THERM LIMIT REGISTER ABSOLUTE MAXIMUM RATINGS Parameter Rating Unit Positive Supply Voltage (VDD) to GND −0.3, +5.5 V D+ −0.3 to VDD + 0.3 V D− to GND −0.3 to +0.6 V SCLK, SDATA, ALERT −0.3 to +5.5 V THERM −0.3 to VDD + 0.3 V Input Current, SDATA, THERM −1, +50 mA Input Current, D− ±1 mA ESD Rating, All Pins (Human Body Model) >1000 V Maximum Junction Temperature (TJ Max) 150 °C Storage Temperature Range −65 to +150 °C IR Reflow Peak Temperature 220 °C IR Reflow Peak Temperature for Pb−Free 260 °C Lead Temperature (Soldering 10 sec) 300 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. NOTE: This device is ESD sensitive. Use standard ESD precautions when handling. THERMAL CHARACTERISTICS Package Type qJA Unit 8−Lead SOIC−N Package 121 °C 8−Lead MSOP Package 142 °C |