Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA015 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STA015
Szczegółowy opis  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STA015 Datasheet HTML 1Page - STMicroelectronics STA015 Datasheet HTML 2Page - STMicroelectronics STA015 Datasheet HTML 3Page - STMicroelectronics STA015 Datasheet HTML 4Page - STMicroelectronics STA015 Datasheet HTML 5Page - STMicroelectronics STA015 Datasheet HTML 6Page - STMicroelectronics STA015 Datasheet HTML 7Page - STMicroelectronics STA015 Datasheet HTML 8Page - STMicroelectronics STA015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
3/56
STA015
Figure 2. Pin Connection
VDD_1
VSS_1
RESET
SDA
SCL
SCKR
SDI
BIT_EN
SDO
VDD_4
VSS_4
XTI
FILT
XTO
PVSS
PVDD
VDD_3
VSS_3
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
VDD_2
TESTEN
D99AU1061A
VSS_2
SCKT
LRCKT
LRCK_ADC
SRC_INT/SCK_ADC
SDI_ADC
11
12
13
18
16
17
15
14
OCLK
GPSO_SCKR
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
N.C.
LRCKT
OCLK
GPSO_REQ
VSS_2
VDD_2
VSS_3
VDD_3
N.C.
PVDD
PVSS
N.C.
SDI_ADC
RESET
LRCK_ADC
OUT_CLK/DATA_REC
GPSO_SCKR
VDD_1
VSS_1
SDA
SCL
GPSO_DATA
D99AU1062
12
13
14
15
16
A
A1 = SDI
B2 = SCKR
D4 = BIT_EN
D1 = SRC_INT
E2 = SDO
F2 = SCKT
H1 = LRCKT
H3 = OCLK
F3 = VSS_2
E4 = VDD_2
G4 = VSS_3
G5 = VDD_3
F5 = PVDD
G6 = PVSS
1
2
3
4
5
6
7
8
B
C
D
E
F
G
H
D00AU1149
C2 = GPIO_STROBE
C3 = IODATA [4]
E3 = IODATA [5]
D2 = IODATA [6]
F1 = IODATA [7]
G3 = GPSO_REQ
F8 = IODATA [3]
F6 = IODATA [2]
E6 = IODATA [1]
C7 = IODATA [0]
C6 = GPSO_SCKR
A2 = GPSO_DATA
G7 = FILT
G8 = XTO
F7 = XTI
E7 = VSS_4
C8 = VDD_4
D7 = TESTEN
A7 = SDI_ADC
B6 = RESET
A5 = LRCK_ADC
C5 = OUT_CLK/DATA_REQ
B5 = VDD_1
B4 = VSS_1
A4 = SDA
B3 = SCL
LFBGA64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56