Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSM2180F3 Arkusz danych(PDF) 35 Page - STMicroelectronics

Numer części DSM2180F3
Szczegółowy opis  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Arkusz danych(HTML) 35 Page - STMicroelectronics

Back Button DSM2180F3_08 Datasheet HTML 31Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 32Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 33Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 34Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 35Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 36Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 37Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 38Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
35/63
DSM2180F3
Table 16. Drive Register Pin Assignment
Note: 1. NA = Not Applicable.
Figure 20. Port B Structure
Port B – Functionality and Structure
Port B can be configured to perform one or more
of the following functions:
■ MCU I/O Mode
■ CPLD Output – Macrocells McellAB7-McellAB0
can be connected to Port B. McellBC7-
McellBC0 can be connected to Port B or Port C.
■ CPLD Input – Via the Input Macrocells (IMC).
■ Open Drain/Slew Rate – pins PB3-PB0 can be
configured to fast slew rate, pins PB7-PB4 can
be configured to Open Drain Mode.
Drive
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port C
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port D
NA1
NA1
NA1
NA1
NA1
Slew
Rate
Slew
Rate
Slew
Rate
DATA OUT
REG.
DQ
DQ
WR
WR
MACROCELL OUTPUTS
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
Input
Macrocell
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT B
PIN
DATA OUT
AI04906B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63