| Zakładka z wyszukiwarką danych komponentów |
|
TSH512CF Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH512CF Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 31 page ![]() Device diagrams and schematics TSH512 6/31 Doc ID 8120 Rev 7 Figure 2. Typical application schematics for stereo infrared transmitter 36 VCO-A2 TX2 - Oscillator component connection 37 VCC - - Supply voltage 38 VCO-BIAS2 TX2 O Bias for external VCO components 39 PEA-OUT2 TX2 O Pre-emphasis amplifier output 40 PEA-INN2 TX2 I Pre-emphasis amplifier negative input 41 ALC-INT2 TX2 - Time constant terminal for internal peak detector in ALC 42 LNA-OUT2 TX2 O LNA output 43 LNA-INN2 TX2 I LNA negative input 44 LNA-INP2 TX2 I LNA positive input 1. Pin directions: I = input pin, O = output pin, - = pin to connect to supply or decoupling capacitors or external components. Table 3. Pin descriptions (continued) Pin Pin name Related to Direction(1) Pin description |