| Zakładka z wyszukiwarką danych komponentów |
|
M24C01-RCT3TP/S Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-RCT3TP/S Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 39 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Signal description Doc ID 5067 Rev 16 9/39 2.4 Supply voltage (VCC) 2.4.1 Operating supply voltage VCC Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified [VCC(min), VCC(max)] range must be applied (see Table 6, Table 7 and Table 8). In order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins. This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write instruction, until the completion of the internal write cycle (tW). 2.4.2 Power-up conditions The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage defined in Table 6, Table 7 and Table 8 and the rise time must not vary faster than 1 V/µs. 2.4.3 Device reset In order to prevent inadvertent write operations during power-up, a power-on-reset (POR) circuit is included. At power-up (continuous rise of VCC), the device does not respond to any instruction until VCC reaches the power-on-reset threshold voltage (this threshold is lower than the minimum VCC operating voltage defined in Table 6, Table 7 and Table 8). When VCC passes over the POR threshold, the device is reset and enters the Standby Power mode. The device, however, must not be accessed until VCC reaches a valid and stable VCC voltage within the specified [VCC(min), VCC(max)] range. In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops below the power-on-reset threshold voltage, the device stops responding to any instruction sent to it. 2.4.4 Power-down conditions During power-down (continuous decrease in VCC), the device must be in the Standby Power mode (mode reached after decoding a Stop condition, assuming that there is no internal write cycle in progress). Figure 5. Maximum RP value versus bus parasitic capacitance (C) for an I²C bus 1 10 100 10 100 1000 Bus line capacitor (pF) When tLOW = 1.3 µs (min value for fC = 400 kHz), the Rbus × Cbus time constant must be below the 400 ns time constant line represented on the left. I²C bus master M24xxx Rbus VCC Cbus SCL SDA ai14796b R bus × C bus = 400 ns Here Rbus × Cbus = 120 ns 4 k Ω 30 pF |