| Zakładka z wyszukiwarką danych komponentów |
|
ATSAM3U Arkusz danych(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM3U Arkusz danych(HTML) 43 Page - ATMEL Corporation |
|
43 / 62 page ![]() 43 6430CS–ATARM–09-Apr-10 SAM3U Series 10.14 PIO Controllers • 3 PIO Controllers, PIOA, PIOB, and PIOC, controlling a maximum of 96 I/O Lines • Each PIO Controller controls up to 32 programmable I/O Lines – PIOA has 32 I/O Lines – PIOB has 32 I/O Lines – PIOC has 32 I/O Lines • Fully programmable through Set/Clear Registers • Multiplexing of two peripheral functions per I/O Line • For each I/O Line (whether assigned to a peripheral or used as general purpose I/O) – Input change, rising edge, falling edge, low level and level interrupt – Debouncing and Glitch filter – Multi-drive option enables driving in open drain – Programmable pull up on each I/O line – Pin data status register, supplies visibility of the level on the pin at any time • Synchronous output, provides Set and Clear of several I/O lines in a single write |