| Zakładka z wyszukiwarką danych komponentów |
|
EP1M350 Arkusz danych(PDF) 5 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Arkusz danych(HTML) 5 Page - Altera Corporation |
|
5 / 34 page ![]() Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet 1–5 Functional Description © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) f For more information about additional enhanced configuration devices, refer to the Process Change Notification PCN0506: Addition of Intel Flash Memory As Source For EPC4, EPC8 and EPC16 Enhanced Configuration Devices and Using the Intel Flash Memory-Based EPC4, EPC8 and EPC16 Devices white paper. EPC devices support three different types of flash memory. Table 1–3 lists the supported flash memory for all EPC devices. FLEX 10KA EPF10K10A 120,000 1 1 1 EPF10K30A 406,000 1 1 1 EPF10K50V 621,000 1 1 1 EPF10K100A 1,200,000 1 1 1 EPF10K130V 1,600,000 1 1 1 EPF10K250A 3,300,000 1 1 1 FLEX 10KE EPF10K30E 473,720 1 1 1 EPF10K50E 784,184 1 1 1 EPF10K50S 784,184 1 1 1 EPF10K100B 1,200,000 1 1 1 EPF10K100E 1,335,720 1 1 1 EPF10K130E 1,838,360 1 1 1 EPF10K200E 2,756,296 1 1 1 EPF10K200S 2,756,296 1 1 1 Mercury EP1M120 1,303,120 1 — 1 EP1M350 4,394,032 1 — 1 Notes to Table 1–2: (1) Raw Binary Files (.rbf) were used to determine these sizes. (2) These values with the enhanced configuration device compression feature enabled. Table 1–2. Configuration Devices Required (Part 3 of 3) Family Device Data Size (Bits) (1) EPC4 (2) EPC8 (2) EPC16 (2) Table 1–3. Enhanced Configuration Devices Flash Memory (Part 1 of 2) Device Grade Package Flash Memory Leaded Lead-Fee EPC4 Commercial PQFP 100 Intel (1) or Micron Intel (1) or Micron Industrial PQFP 100 Intel (1) or Micron Intel (1) EPC8 Commercial/ Industrial PQFP 100 Intel (1) or Sharp Intel (1) |