| Zakładka z wyszukiwarką danych komponentów |
|
2106111-4 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2106111-4 Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 6 page ![]() LIGHTING APPLICATIONS emergency channel/sign Indoor street & stadium commercial refrigeration Office Architectural digital signage electricAl Operating Current : 5 AMPS (18-20 AWG) & 3.5 AMPS (22-24 AWG) Maximum Operating Voltage : 250 VAC/250 VDC Dielectric Withstanding Voltage : 1500 VAC mecHAnicAl Number of positions : 2, 3 and 4 Operating Temperature : -40°C to 105°C Seal Rating : IP67 Durability : 30 mating cycles mAteriAls Housings : UL 94 V0 rated high temperature resistant thermoplastic Receptacle Contacts : Tin Plated Copper Alloy Tab Contacts : Tin Plated Brass Integral Seals : Silicone Rubber stAndArds And specificAtions UL 1977, CSA C22.2 No. 182.3 TE Application Specification : 114-13261 TE Product Specification : 108-2391 Exposure : UL 746C F1 (suitable for outdoor use, wire-to-wire only) ApplicAtion toolinG 22-24 AWG Tab and Receptacle Terminals PART NUMBER DESCRIPTION 2063956-1 Hand Tool 1530178-2 HDI Applicator-Bench Terminator 1530178-1 HDI Applicator-Leadmaker 18-20 AWG Tab and Receptacle Terminals PART NUMBER DESCRIPTION 2063957-1 Hand Tool 1530177-2 HDI Applicator-Bench Terminator 1530177-1 HDI Applicator-Leadmaker Tyco Electronics | SlimSeal SSL Connector SlimSeal SSL Connector |