Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ILPR Arkusz danych(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431ILPR
Szczegółowy opis  PRECISION PROGRAMMABLE REFERENCE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL431ILPR Arkusz danych(HTML) 56 Page - Texas Instruments

Back Button TL431ILPR Datasheet HTML 52Page - Texas Instruments TL431ILPR Datasheet HTML 53Page - Texas Instruments TL431ILPR Datasheet HTML 54Page - Texas Instruments TL431ILPR Datasheet HTML 55Page - Texas Instruments TL431ILPR Datasheet HTML 56Page - Texas Instruments TL431ILPR Datasheet HTML 57Page - Texas Instruments TL431ILPR Datasheet HTML 58Page - Texas Instruments TL431ILPR Datasheet HTML 59Page - Texas Instruments TL431ILPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL432QDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432QDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432QDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432QDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432QPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL431ACDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431ACDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431ACDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431ACDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431ACDCKR
SC70
DCK
6
3000
202.0
201.0
28.0
TL431ACDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431ACPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431ACPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431ACPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
TL431AIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431AIDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2010
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75