| Zakładka z wyszukiwarką danych komponentów |
|
TL072CPWRG4 Arkusz danych(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWRG4 Arkusz danych(HTML) 17 Page - Texas Instruments |
|
17 / 40 page ![]() TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Table of Application Diagrams APPLICATION DIAGRAM PART NUMBER FIGURE 0.5-Hz square-wave oscillator TL071 23 High-Q notch filter TL071 24 Audio-distribution amplifier TL074 25 100-kHz quadrature oscillator TL072 26 AC amplifier TL071 27 Figure 23. 0.5-Hz Square-Wave Oscillator −15 V 15 V Output 1 k Ω 9.1 k Ω 3.3 k Ω CF = 3.3 μF RF = 100 kΩ 3.3 k Ω TL071 f + 1 2 p R F C F Figure 24. High-Q Notch Filter R2 R1 C1 C2 R3 C3 VCC− VCC+ TL071 Output Input C1 + C2 + C3 2 + 110 pF f O + 1 2 p R1 C1 + 1kHz R1 + R2 + 2R3 + 1.5 MW 100 μF TL074 Output C VCC+ VCC+ Output B TL074 VCC+ Output A TL074 VCC+ TL074 VCC+ 100 k Ω Input 1 μF 1 M Ω 100 k Ω 100 k Ω VCC− 100 k Ω VCC− VCC− VCC− Figure 25. Audio-Distribution Amplifier |