| Zakładka z wyszukiwarką danych komponentów |
|
JN2DS10SL3-R Arkusz danych(PDF) 12 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN2DS10SL3-R Arkusz danych(HTML) 12 Page - Japan Aviation Electronics Industry, Ltd. |
|
12 / 22 page ![]() MB-0054-8 12/22 JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd. Waterproof (when mated), crimp socket, kit type (with 10 contacts and two types of rubber bushing) 105533 JN2FS10SLK-R Waterproof (when mated), crimp socket, without bushing 105529 JN2DS10SLN-R JN2 Panel Mount Plug Waterproof (when mated), crimp socket 105544 JN2MS10SL1-R Waterproof (when mated), crimp socket kit type (with 10 contacts) 105996 JN2MS10SLK-R Waterproof (when mated), crimp socket, without bushing 105528 JN2FS10SLN-R Waterproof (when mated), crimp socket, kit type (with 10 contacts and two types of rubber bushing) 105534 JN2DS10SLK-R Waterproof (when mated), crimp socket cable dia. 3.5 to 5.0 105529 JN2DS10SL3-R Waterproof (when mated), crimp socket cable dia. 3.5 to 5.0 105528 JN2FS10SL3-R Individually waterproofed, solder pin 105538 JN2AS10ML2-R Waterproof (when mated), through-hole pin 105527 JN2AS10UL1-R Rectangular Flange Receptacle JN1, 2 Receptacle (4, 10pos.) for waterproof, IP67 035565 J025-52209 Waterproof Cap 10 Angle Plug Straight Plug Square Flange Receptacle Type Waterproof (when mated), crimp socket cable dia. 6.5 to 8.0 105529 JN2DS10SL2-R Waterproof (when mated), crimp socket cable dia. 5.7 to 7.3 105528 JN2FS10SL1-R Waterproof (when mated), crimp socket cable dia. 6.5 to 8.0 105528 JN2FS10SL2-R Waterproof (when mated), crimp socket cable dia. 5.7 to 7.3 105529 JN2DS10SL1-R 105537 SJ Drawing Waterproof (when mated), solder pin JN2AS10ML1-R Performance / Shape Part Number No. of Con tacts * Please contact us when considering bushing. |